| Moteur de recherche de fiches techniques de composants électroniques |
|
RS1KG-SMA-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
RS1KG-SMA-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD RS1K Preliminary DIODE www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-221.B SURFACE MOUNT FAST RECOVERY RECTIFIER DESCRIPTION The UTC RS1K is a surface mount fast recovery rectifier, it uses UTC’s advanced technology to provide customers with fast switching, high forward surge current and low reverse leakage, etc. The UTC RS1K is suitable for surface mounted applications. FEATURES * Fast switching for high efficiency * Low reverse leakage * High forward surge current capability SYMBOL SMA (JEDEC DO-214AC) + - ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 RS1KL-SMA-R RS1KG-SMA-R SMA K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode MARKING Date Code Cathode Band for uni-directional Only UT C RS1 K L: Lead Free G: Halogen Free |
Numéro de pièce similaire - RS1KG-SMA-R |
|
Description similaire - RS1KG-SMA-R |