| Moteur de recherche de fiches techniques de composants électroniques |
|
MBR10200CG-TQ2-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MBR10200CG-TQ2-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD MBR10200C DIODE www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R601-185.D SCHOTTKY BARRIER RECTIFIER FEATURES * 10 amps total (5 amps per diode leg) * Guard ring for transient protection * Low forward voltage drop * High surge capability * Low power loss/High efficiency SYMBOL ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing MBR10200CL-TA3-T MBR10200CG-TA3-T TO-220 A K A Tube MBR10200CL-TF3-T MBR10200CG-TF3-T TO-220F A K A Tube MBR10200CL-TF1-T MBR10200CG-TF1-T TO-220F1 A K A Tube MBR10200CL-TQ2-T MBR10200CG-TQ2-T TO-263 A K A Tube MBR10200CL-TQ2-R MBR10200CG-TQ2-R TO-263 A K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode (1) T: Tube, R: Tape Reel (2) TA3: TO-220, TF3: TO-220F, TF1: TO-220F1 TQ2: TO-263 (3) L: Lead Free, G: Halogen Free and Lead Free MBR10200CL-TA3-T (1)Packing Type (2)Package Type (3)Green Package MARKING |
Numéro de pièce similaire - MBR10200CG-TQ2-R |
|
Description similaire - MBR10200CG-TQ2-R |