| Moteur de recherche de fiches techniques de composants électroniques |
|
FR107GP-Z41-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
FR107GP-Z41-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD FR107G DIODE www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-251.B FAST RECOVERY GLASS PASSIVATED RECTIFIER DESCRIPTION The UTC FR107G is a fast recovery glass passivated silicon rectifier, it uses UTC’s advanced technology to provide customers with high forward surge current and low reverse leakage, etc. FEATURES * Low reverse leakage * High forward surge current capability SYMBOL DO-41 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 FR107GL-Z41-B FR107GP-Z41-B DO-41 K A Tape Box FR107GL-Z41-R FR107GP-Z41-R DO-41 K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode (1) B: Tape Box, R: Tape Reel (2) Z41: DO-41 (3) L: Lead Free, P: Halogen Free FR107GL-Z41-B (1)Packing Type (2)Package Type (3)Lead Free MARKING FR107G Date Code L: Lead Free P: Halogen Free Cathode Band for uni-directional Only |
Numéro de pièce similaire - FR107GP-Z41-R |
|
Description similaire - FR107GP-Z41-R |