| Moteur de recherche de fiches techniques de composants électroniques |
|
1SS400L-CC2-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
1SS400L-CC2-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD 1SS400 Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-225.a SWITCHING DIODE DESCRIPTION The UTC 1SS400 is a switching diode, it uses UTC’s advanced technology to provide customers with high speed switching and low reverse leakage, etc. FEATURES * High speed switching * Low reverse leakage SYMBOL SOD-523 2 1 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 1SS400L-CC2-R 1SS400G-CC2-R SOD-523 A K Tape Reel Note: Pin Assignment: A: Anode, K: Cathode MARKING |
Numéro de pièce similaire - 1SS400L-CC2-R |
|
Description similaire - 1SS400L-CC2-R |