| Moteur de recherche de fiches techniques de composants électroniques |
|
MGBR5V30L-SMB-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MGBR5V30L-SMB-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD MGBR5V30 Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R204-057.a MOS GATED BARRIER RECTIFIER DESCRIPTION The UTC MGBR5V30 is a surface mount mos gated barrier rectifier, it uses UTC’s advanced technology to provide customers with low forward voltage drop and high switching speed, etc. FEATURES * Very low forward voltage drop * High switching speed SYMBOL SMB + - ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 Packing MGBR5V30L-SMB-R MGBR5V30G-SMB-R SMB K A Tape Reel Note: Pin Assignment: A: Anode K: Common Cathode MARKING Date Code Cathode Band for uni-directional Only UTC 5V30 L: Lead Free G: Halogen Free |
Numéro de pièce similaire - MGBR5V30L-SMB-R |
|
Description similaire - MGBR5V30L-SMB-R |