| Moteur de recherche de fiches techniques de composants électroniques |
|
ES3JG-SMC-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
ES3JG-SMC-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD ES3J DIODE www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R202-035.A SURFACE MOUNT SUPER FAST RECTIFIER DESCRIPTION The UTC ES3J is a surface mount super fast rectifier, it uses UTC’s advanced technology to provide customers with high forward surge current and low reverse leakage, etc. The UTC ES3J is suitable for surface mounted applications. FEATURES * Low reverse leakage * High forward surge current capability SYMBOL SMC (JEDEC DO-214AB) + - ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 ES3JL-SMC-R ES3JG-SMC-R SMC K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode MARKING Date Code Cathode Band for uni-directional Only UTC ES3J L: Lead Free G: Halogen Free |
Numéro de pièce similaire - ES3JG-SMC-R |
|
Description similaire - ES3JG-SMC-R |