| Moteur de recherche de fiches techniques de composants électroniques |
|
RK73BW2HTTP102G Fiches technique(PDF) 2 Page - KOA Speer Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
RK73BW2HTTP102G Fiches technique(HTML) 2 Page - KOA Speer Electronics, Inc. |
|
2 / 2 page ![]() RK73B general purpose 2%, 5% tolerance thick film chip resistor * Please refer to the “Higher Power Ratings” statement in the beginning of the catalog. Also, contact KOA prior to usage and for the max. working voltage and max. overload voltage. Maximum Working Voltage J±5% E-24 G±2% E-24 Part Designation Maximum Overload Voltage Operating Temperature Range Power Rating @70°C T.C.R. (x10-6/K) applications and ratings RK73B1H (0201) RK73B1E (0402) 0.05W 0.063W (0.1W*) RK73B1J (0603) 0.10W (0.125W*) RK73B2A (0805) 0.125W (0.25W*) RK73B2B (1206) RK73B2E (1210) 0.25W ±200 10Ω - 10MΩ 10Ω - 10MΩ 25V 50V 50V 100V 150V 200V 200V 400V -55°C to +125°C -55°C to +155°C Rated Terminal Part Temperature — 125°C ±200 1Ω - 10MΩ ±400 1Ω - 10MΩ RK73BW2H/2H (2010) RK73BW3A/3A (2512) 0.75W 1.0W ±200 1Ω - 10MΩ 1Ω - 10MΩ 11MΩ - 22MΩ 1Ω - 1MΩ 1.1MΩ - 10MΩ 1Ω - 5.6MΩ 6.2MΩ - 22MΩ 6.2MΩ - 22MΩ 6.2MΩ - 22MΩ — 1Ω - 1MΩ 1.1MΩ - 10MΩ 1Ω - 5.6MΩ 10Ω - 1kΩ 1.1kΩ - 5.6MΩ 10Ω - 5.6MΩ 1Ω - 5.6MΩ 1Ω - 5.6MΩ 10Ω - 5.6MΩ 1Ω - 1KΩ 1.1KΩ - 5.6MΩ 6.2MΩ - 10MΩ 6.2MΩ - 10MΩ ±200 ±400 ±200 ±200 ±400 0.50W 0.33W (0.5W*) ±400 — — — ±200 ±400 ±200 ±400 ±400 — 1Ω - 9.1Ω ±200 100kΩ - 1MΩ 100kΩ - 1MΩ 0.03W RK73B1F (01005) 20V 30V 400V (500V*) 200V (500V*) ±250 100Ω - 91kΩ 100Ω - 91kΩ ±300 10Ω - 91Ω 10Ω - 91Ω 0~+300 1Ω - 9.1Ω 1Ω - 9.1Ω PerformanceCharacteristics Parameter Requirement∆R(%+0.1Ω) Limit Typical TestMethod Resistance T.C.R. 25°C +25°C/-55°C and +25°C/+125°C Within specified tolerance Within specified T.C.R. — — Overload (Short time) Rated Voltage x 2.5 for 5 seconds (2B: Rated Voltage x 2 for 5 seconds) ±2% ±1%: 1F ±0.5%: Another Resistance to Soldering Heat 260°C ± 5°C, 10 seconds ± 1 second ±1%: 1F~W3A (10Ω≤R≤1MΩ) ±3%: 1F~W3A (R<10Ω, R>1MΩ) ±0.5%: 1F~W3A (10Ω≤R≤1MΩ); ±1%: 1F~W3A (R<10Ω, R>1MΩ) Rapid Change of Temperature -55°C (30 minutes), +125°C (30 minutes), 100 cycles ±1%: 1F ±0.5%: Another ±0.5%: 1F ±0.3%: Another Moisture Resistance 40°C ± 2°C, 90%-95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle ±2%: 1J, 2A, 2B ±3%: Another ±0.75%: 1J, 2A, 2B ±1.5%: 1F ±1%: Another Endurance at 70°C 70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle ±2%: 1J, 2A, 2B ±3%: Another ±0.75%: 1J, 2A, 2B ±1%: Another High Temperature Exposure +125°C, 1000 hours: 1F; +155°C, 1000 hours: 1E, 1H, 1J, 2A, 2B, 2E, 2H/W2H, 3A/W3A ±1% ±0.5%: 1F ±0.3%: Another environmental applications 14 KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse. 12/05/14 ResistanceRange Rated ambient temperature: +70°C Rated voltage = √Power rating x resistance value or max. working voltage, whichever is lower |