Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N50KL-TND-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce 2N50KL-TND-R
Description  N-CHANNEL JUNCTIN SILICON FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N50KL-TND-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  2N50KL-TND-R Datasheet HTML 1Page - Unisonic Technologies 2N50KL-TND-R Datasheet HTML 2Page - Unisonic Technologies 2N50KL-TND-R Datasheet HTML 3Page - Unisonic Technologies 2N50KL-TND-R Datasheet HTML 4Page - Unisonic Technologies 2N50KL-TND-R Datasheet HTML 5Page - Unisonic Technologies 2N50KL-TND-R Datasheet HTML 6Page - Unisonic Technologies 2N50KL-TND-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2N50K-TA
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R205-031.A
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N50KL-TA3-T
2N50KG-TA3-T
TO-220
G
D
S
Tube
2N50KL-TF3-T
2N50KG-TF3-T
TO-220F
G
D
S
Tube
2N50KL-TF1-T
2N50KG-TF1-T
TO-220F1
G
D
S
Tube
2N50KL-TF2-T
2N50KG-TF2-T
TO-220F2
G
D
S
Tube
2N50KL-TF3T-T
2N50KG-TF3T-T
TO-220F3
G
D
S
Tube
2N50KL-TM3-T
2N50KG-TM3-T
TO-251
G
D
S
Tube
2N50KL-TMS-T
2N50KG-TMS-T
TO-251S
G
D
S
Tube
2N50KL-TN3-R
2N50KG-TN3-R
TO-252
G
D
S
Tape Reel
2N50KL-TND-R
2N50KG-TND-R
TO-252D
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TF3: TO-220F, TF1: TO-220F1,
TF2: TO-220F2, TF3T: TO-220F3, TM3: TO-251,
TMS: TO-251S, TN3: TO-252, TND: TO-252D
(3) L: Lead Free, G: Halogen Free and Lead Free
2N50KL-TA3-T
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING



Html Pages

1 2 3 4 5 6 7