| Moteur de recherche de fiches techniques de composants électroniques |
|
2N50KL-TN3-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2N50KL-TN3-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 7 page ![]() 2N50K-TA Preliminary Power MOSFET UNISONICTECHNOLOGIESCO.,LTD 2 of 7 www.unisonic.com.tw QW-R205-031.A ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 2N50KL-TA3-T 2N50KG-TA3-T TO-220 G D S Tube 2N50KL-TF3-T 2N50KG-TF3-T TO-220F G D S Tube 2N50KL-TF1-T 2N50KG-TF1-T TO-220F1 G D S Tube 2N50KL-TF2-T 2N50KG-TF2-T TO-220F2 G D S Tube 2N50KL-TF3T-T 2N50KG-TF3T-T TO-220F3 G D S Tube 2N50KL-TM3-T 2N50KG-TM3-T TO-251 G D S Tube 2N50KL-TMS-T 2N50KG-TMS-T TO-251S G D S Tube 2N50KL-TN3-R 2N50KG-TN3-R TO-252 G D S Tape Reel 2N50KL-TND-R 2N50KG-TND-R TO-252D G D S Tape Reel Note: Pin Assignment: G: Gate D: Drain S: Source (1) T: Tube, R: Tape Reel (2) TA3: TO-220, TF3: TO-220F, TF1: TO-220F1, TF2: TO-220F2, TF3T: TO-220F3, TM3: TO-251, TMS: TO-251S, TN3: TO-252, TND: TO-252D (3) L: Lead Free, G: Halogen Free and Lead Free 2N50KL-TA3-T (1)Packing Type (2)Package Type (3)Green Package MARKING |