Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM5000 Fiches technique(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM5000
Description  High Voltage Switch Mode Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM5000 Fiches technique(HTML) 20 Page - Texas Instruments

Back Button LM5000 Datasheet HTML 16Page - Texas Instruments LM5000 Datasheet HTML 17Page - Texas Instruments LM5000 Datasheet HTML 18Page - Texas Instruments LM5000 Datasheet HTML 19Page - Texas Instruments LM5000 Datasheet HTML 20Page - Texas Instruments LM5000 Datasheet HTML 21Page - Texas Instruments LM5000 Datasheet HTML 22Page - Texas Instruments LM5000 Datasheet HTML 23Page - Texas Instruments LM5000 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM5000-3MTCX
TSSOP
PW
16
2500
330.0
12.4
6.95
5.6
1.6
8.0
12.0
Q1
LM5000-3MTCX/NOPB
TSSOP
PW
16
2500
330.0
12.4
6.95
5.6
1.6
8.0
12.0
Q1
LM5000SD-3/NOPB
WSON
NHQ
16
1000
178.0
12.4
5.3
5.3
1.3
8.0
12.0
Q1
LM5000SD-6/NOPB
WSON
NHQ
16
1000
178.0
12.4
5.3
5.3
1.3
8.0
12.0
Q1
LM5000SDX-3/NOPB
WSON
NHQ
16
4500
330.0
12.4
5.3
5.3
1.3
8.0
12.0
Q1
LM5000SDX-6/NOPB
WSON
NHQ
16
4500
330.0
12.4
5.3
5.3
1.3
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Nov-2015
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24