| Moteur de recherche de fiches techniques de composants électroniques |
|
LM3524DM/NOPB Fiches technique(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM3524DM/NOPB Fiches technique(HTML) 19 Page - Texas Instruments |
|
19 / 29 page ![]() LM2524D, LM3524D www.ti.com SNVS766E – JUNE 2009 – REVISED MAY 2013 Figure 28. Basic Step-Up Switching Regulator Figure 29. Relation of Switch Timing to Inductor Current in Step-Up Regulator (16) Since ΔIL+ = ΔIL−, VINtON = VotOFF − VINtOFF, and neglecting VSAT and VD1 (17) The above equation shows the relationship between VIN, Vo and duty cycle. In calculating input current IIN(DC), which equals the inductor's DC current, assume first 100% efficiency: (18) for η = 100%, POUT = PIN (19) This equation shows that the input, or inductor, current is larger than the output current by the factor (1 + tON/tOFF). Since this factor is the same as the relation between Vo and VIN, IIN(DC) can also be expressed as: (20) Copyright © 2009–2013, Texas Instruments Incorporated Submit Documentation Feedback 19 Product Folder Links: LM2524D LM3524D |