| Moteur de recherche de fiches techniques de composants électroniques |
|
2N60L-TND-R Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2N60L-TND-R Fiches technique(HTML) 3 Page - Unisonic Technologies |
|
3 / 7 page ![]() 2N60-C Power MOSFET UNISONICTECHNOLOGIESCO.,LTD 3 of 7 www.unisonic.com.tw QW-R502-A46.G ABSOLUTE MAXIMUM RATINGS (TC = 25°С, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Drain-Source Voltage VDSS 600 V Gate-Source Voltage VGSS ±30 V Avalanche Current (Note 2) IAR 2.0 A Continuous ID 2.0 A Drain Current Pulsed (Note 2) IDM 8.0 A Single Pulsed (Note 3) EAS 140 mJ Avalanche Energy Repetitive (Note 2) EAR 4.5 mJ Peak Diode Recovery dv/dt (Note 4) dv/dt 3.7 V/ns TO-220 54 TO-220F/TO-220F1 TO-220F3 23 TO-220F2 24 Power Dissipation TO-251/TO-251S TO-251S2/TO-251S4 TO-252/TO-252D PD 44 W Junction Temperature TJ +150 °С Operating Temperature TOPR -55 ~ +150 °С Storage Temperature TSTG -55 ~ +150 °С Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. Repetitive Rating : Pulse width limited by TJ 3. L=70mH, IAS=2.0A, VDD=50V, RG=25 Ω, Starting TJ = 25°C 4. ISD≤2A, di/dt≤200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C THERMAL DATA PARAMETER SYMBOL RATINGS UNIT TO-220F/TO-220F1/ TO-220F2/TO-220F3 62.5 Junction to Ambient TO-251/TO-251S TO-251S2/TO-251S4 TO-252/TO-252D θJA 100 °С/W TO-220F/TO-220F1 TO-220F3 5.5 TO-220F2 5.43 Junction to Case TO-251/TO-251S TO-251S2/TO-251S4 TO-252/TO-252D θJC 2.87 °С/W |