Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC17C44-08/L Fiches technique(PDF) 49 Page - Microchip Technology

No de pièce PIC17C44-08/L
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/L Fiches technique(HTML) 49 Page - Microchip Technology

Back Button PIC17C44-08/L Datasheet HTML 45Page - Microchip Technology PIC17C44-08/L Datasheet HTML 46Page - Microchip Technology PIC17C44-08/L Datasheet HTML 47Page - Microchip Technology PIC17C44-08/L Datasheet HTML 48Page - Microchip Technology PIC17C44-08/L Datasheet HTML 49Page - Microchip Technology PIC17C44-08/L Datasheet HTML 50Page - Microchip Technology PIC17C44-08/L Datasheet HTML 51Page - Microchip Technology PIC17C44-08/L Datasheet HTML 52Page - Microchip Technology PIC17C44-08/L Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 49
PIC17C4X
8.0
HARDWARE MULTIPLIER
All PIC17C4X devices except the PIC17C42, have an
8 x 8 hardware multiplier included in the ALU of the
device. By making the multiply a hardware operation, it
completes in a single instruction cycle. This is an
unsigned multiply that gives a 16-bit result. The result
is
stored
into
the
16-bit
PRODuct
register
(PRODH:PRODL). The multiplier does not affect any
flags in the ALUSTA register.
Making the 8 x 8 multiplier execute in a single cycle
gives the following advantages:
• Higher computational throughput
• Reduces code size requirements for multiply
algorithms
The performance increase allows the device to be used
in applications previously reserved for Digital Signal
Processors.
Table 8-1 shows a performance comparison between
the PIC17C42 and all other PIC17CXX devices, which
have the single cycle hardware multiply.
Example 8-1 shows the sequence to do an 8 x 8
unsigned multiply. Only one instruction is required
when one argument of the multiply is already loaded in
the WREG register.
Example 8-2 shows the sequence to do an 8 x 8 signed
multiply. To account for the sign bits of the arguments,
each argument’s most significant bit (MSb) is tested
and the appropriate subtractions are done.
EXAMPLE 8-1:
8 x 8 MULTIPLY ROUTINE
MOVFP
ARG1, WREG
MULWF
ARG2
; ARG1 * ARG2 ->
;
PRODH:PRODL
EXAMPLE 8-2:
8 x 8 SIGNED MULTIPLY
ROUTINE
MOVFP
ARG1, WREG
MULWF
ARG2
; ARG1 * ARG2 ->
;
PRODH:PRODL
BTFSC
ARG2, SB
; Test Sign Bit
SUBWF
PRODH, F
; PRODH = PRODH
;
- ARG1
MOVFP
ARG2, WREG
BTFSC
ARG1, SB
; Test Sign Bit
SUBWF
PRODH, F
; PRODH = PRODH
;
- ARG2
TABLE 8-1:
PERFORMANCE COMPARISON
Routine
Device
Program Memory
(Words)
Cycles (Max)
Time
@ 25 MHz
@ 33 MHz
8 x 8 unsigned
PIC17C42
13
69
11.04
µs
N/A
All other PIC17CXX devices
1
1
160 ns
121 ns
8 x 8 signed
PIC17C42
N/A
All other PIC17CXX devices
6
6
960 ns
727 ns
16 x 16 unsigned
PIC17C42
21
242
38.72
µs
N/A
All other PIC17CXX devices
24
24
3.84
µs
2.91
µs
16 x 16 signed
PIC17C42
52
254
40.64
µs
N/A
All other PIC17CXX devices
36
36
5.76
µs
4.36
µs
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com