Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16C58B-04/P Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce PIC16C58B-04/P
Description  ROM-Based 8-Bit CMOS Microcontroller Series
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C58B-04/P Fiches technique(HTML) 2 Page - Microchip Technology

  PIC16C58B-04/P Datasheet HTML 1Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 2Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 3Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 4Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 5Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 6Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 7Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 8Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
PIC16CR54C
DS40191A-page 2
Preliminary
© 1998 Microchip Technology Inc.
Device Differences
Note 1: If you change from this device to another device, please verify oscillator characteristics in your application.
Note 2: In PIC16LV58A, MCLR Filter = Yes
Device
Voltage
Range
Oscillator
Selection
(Program)
Oscillator
Process
Technology
(Microns)
ROM
Equivalent
MCLR
Filter
PIC16C52
3.0-6.25
User
See Note 1
0.9
—
No
PIC16C54
2.5-6.25
Factory
See Note 1
1.2
PIC16CR54A
No
PIC16C54A
2.0-6.25
User
See Note 1
0.9
—
No
PIC16C54B
3.0-5.5
User
See Note 1
0.7
PIC16CR54B
or
PIC16CR54C
Yes
PIC16C55
2.5-6.25
Factory
See Note 1
1.7
—
No
PIC16C55A
3.0-5.5
User
See Note 1
0.7
—
Yes
PIC16C56
2.5-6.25
Factory
See Note 1
1.7
—
No
PIC16C56A
3.0-5.5
User
See Note 1
0.7
PIC16CR56A
Yes
PIC16C57
2.5-6.25
Factory
See Note 1
1.2
—
No
PIC16C57C
3.0-5.5
User
See Note 1
0.7
PIC16CR57C
Yes
PIC16CR57C
2.5-5.5
Factory
See Note 1
0.7
NA
Yes
PIC16C58A
2.0-6.25
User
See Note 1
0.9
PIC16CR58A
No(2)
PIC16C58B
3.0-5.5
User
See Note 1
0.7
PIC16CR58B
Yes
PIC16CR54A
2.5-6.25
Factory
See Note 1
1.2
NA
Yes
PIC16CR54B
2.5-5.5
Factory
See Note 1
0.7
NA
Yes
PIC16CR54C
3.0-5.5
Factory
See Note 1
0.7
NA
Yes
PIC16CR56A
2.5-5.5
Factory
See Note 1
0.7
NA
Yes
PIC16CR57B
2.5-6.25
Factory
See Note 1
0.9
NA
Yes
PIC16CR58A
2.5-6.25
Factory
See Note 1
0.9
NA
Yes
PIC16CR58B
2.5-5.5
Factory
See Note 1
0.7
NA
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84