| Moteur de recherche de fiches techniques de composants électroniques |
|
1N65L-TN3-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
1N65L-TN3-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 7 page ![]() 1N65 Power MOSFET UNISONICTECHNOLOGIESCO.,LTD 2 of 7 www.unisonic.com.tw QW-R502-579.E ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 4 5 6 7 8 - 1N65G-AA3-R SOT-223 G D S - - - - - Tape Reel 1N65L-TA3-T 1N65G-TA3-T TO-220 G D S - - - - - Tube 1N65L-TF3-T 1N65G-TF3-T TO-220F G D S - - - - - Tube 1N65L-TM3-T 1N65G-TM3-T TO-251 G D S - - - - - Tube 1N65L-TMA-T 1N65G-TMA-T TO-251L G D S - - - - - Tube 1N65L-TN3-R 1N65G-TN3-R TO-252 G D S - - - - - Tape Reel 1N65L-T60-K 1N65G-T60-K TO-126 G D S - - - - - Bulk 1N65L-T92-B 1N65G-T92-B TO-92 G D S - - - - - Tape Box 1N65L-T92-K 1N65G-T92-K TO-92 G D S - - - - - Bulk - 1N65G-K08-5060-R DFN-8(5×6) S S S G D D D D Tape Reel Note: Pin Assignment: G: Gate D: Drain S: Source MARKING PACKAGE MARKING SOT-223 TO-220 TO-220F TO-251 TO-251L TO-252 TO-126 TO-92 DFN-8(5×6) |