Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC9400CPD Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce TC9400CPD
Description  Voltage-to-Frequency/Frequency-to-Voltage Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC9400CPD Fiches technique(HTML) 17 Page - Microchip Technology

Back Button TC9400CPD Datasheet HTML 12Page - Microchip Technology TC9400CPD Datasheet HTML 13Page - Microchip Technology TC9400CPD Datasheet HTML 14Page - Microchip Technology TC9400CPD Datasheet HTML 15Page - Microchip Technology TC9400CPD Datasheet HTML 16Page - Microchip Technology TC9400CPD Datasheet HTML 17Page - Microchip Technology TC9400CPD Datasheet HTML 18Page - Microchip Technology TC9400CPD Datasheet HTML 19Page - Microchip Technology TC9400CPD Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21483B-page 17
TC9400/9401/9402
9.3
Package Dimensions (Continued)
Dimensions: inches (mm)
.260 (6.60)
.240 (6.10)
.770 (19.56)
.745 (18.92)
.310 (7.87)
.290 (7.37)
.040 (1.02)
.020 (0.51)
.070 (1.78)
.045 (1.14)
.022 (0.56)
.015 (0.38)
.110 (2.79)
.090 (2.29)
.200 (5.08)
.140 (3.56)
.150 (3.81)
.115 (2.92)
PIN 1
14-Pin PDIP (Narrow)
.015 (0.38)
.008 (0.20)
3
° MIN.
.400 (10.16)
.310 (7.87)
Dimensions: inches (mm)
.344 (8.74)
.337 (8.56)
.157 (3.99)
.150 (3.81)
.244 (6.20)
.228 (5.79)
.069 (1.75)
.053 (1.35)
.010 (0.25)
.004 (0.10)
.050 (1.27) TYP.
.018 (0.46)
.014 (0.36)
8
° MAX.
.010 (0.25)
.007 (0.18)
.050 (1.27)
.016 (0.40)
PIN 1
14-Pin SOIC (Narrow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20