Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F84A-10/SS Fiches technique(PDF) 100 Page - Microchip Technology

No de pièce PIC16F84A-10/SS
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-10/SS Fiches technique(HTML) 100 Page - Microchip Technology

Back Button PIC16F84A-10/SS Datasheet HTML 96Page - Microchip Technology PIC16F84A-10/SS Datasheet HTML 97Page - Microchip Technology PIC16F84A-10/SS Datasheet HTML 98Page - Microchip Technology PIC16F84A-10/SS Datasheet HTML 99Page - Microchip Technology PIC16F84A-10/SS Datasheet HTML 100Page - Microchip Technology PIC16F84A-10/SS Datasheet HTML 101Page - Microchip Technology PIC16F84A-10/SS Datasheet HTML 102Page - Microchip Technology PIC16F84A-10/SS Datasheet HTML 103Page - Microchip Technology PIC16F84A-10/SS Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 124 page
background image
PIC16F8X
DS30430C-page 100
© 1998 Microchip Technology Inc.
FIGURE 12-5: TYPICAL IPD vs. VDD,
WATCHDOG DISABLED
FIGURE 12-6: TYPICAL IPD vs. VDD,
WATCHDOG ENABLED
FIGURE 12-7: VTH (INPUT THRESHOLD VOLTAGE) OF I/O PINS vs. VDD
5.0
4.0
3.0
2.0
1.0
0.0
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
VDD (Volts)
T = 25
°C
2.0
6.0
10
8
6
4
2
0
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
VDD (Volts)
1
3
5
7
9
T = 25
°C
2.0
1.40
1.30
1.20
1.10
1.00
0.90
2.5
3.0
3.5
4.0
4.5
5.0
VDD (Volts)
0.80
0.70
5.5
6.0
Typ
(+25
°C)
2.0
Note: These input pins have TTL input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More