Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC901 Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce TC901
Description  Dual Auto-Zeroed Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC901 Fiches technique(HTML) 5 Page - Microchip Technology

  TC901 Datasheet HTML 1Page - Microchip Technology TC901 Datasheet HTML 2Page - Microchip Technology TC901 Datasheet HTML 3Page - Microchip Technology TC901 Datasheet HTML 4Page - Microchip Technology TC901 Datasheet HTML 5Page - Microchip Technology TC901 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
TC901
Dual Auto-Zeroed Operational Amplifiers
TC901- 7 9/5/96
© 2001 Microchip Technology Inc.
DS21480A
Dimensions: inches (mm)
.050 (1.27) TYP.
8
° MAX.
.244 (6.20)
.228 (5.79)
.157 (3.99)
.150 (3.81)
.197 (5.00)
.189 (4.80)
.020 (0.51)
.013 (0.33)
.010 (0.25)
.004 (0.10)
.069 (1.75)
.053 (1.35)
.010 (0.25)
.007 (0.18)
.050 (1.27)
.016 (0.40)
PACKAGE DIMENSIONS
3
° MIN.
PIN 1
.260 (6.60)
.240 (6.10)
.045 (1.14)
.030 (0.76)
.070 (1.78)
.040 (1.02)
.400 (10.16)
.348 (8.84)
.200 (5.08)
.140 (3.56)
.150 (3.81)
.115 (2.92)
.110 (2.79)
.090 (2.29)
.022 (0.56)
.015 (0.38)
.040 (1.02)
.020 (0.51)
.015 (0.38)
.008 (0.20)
.310 (7.87)
.290 (7.37)
.400 (10.16)
.310 (7.87)
8-Pin SOIC Narrow
8-Pin Plastic Dip



Html Pages

1 2 3 4 5 6