Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC820CPL Fiches technique(PDF) 25 Page - Microchip Technology

No de pièce TC820CPL
Description  3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC820CPL Fiches technique(HTML) 25 Page - Microchip Technology

Back Button TC820CPL Datasheet HTML 20Page - Microchip Technology TC820CPL Datasheet HTML 21Page - Microchip Technology TC820CPL Datasheet HTML 22Page - Microchip Technology TC820CPL Datasheet HTML 23Page - Microchip Technology TC820CPL Datasheet HTML 24Page - Microchip Technology TC820CPL Datasheet HTML 25Page - Microchip Technology TC820CPL Datasheet HTML 26Page - Microchip Technology TC820CPL Datasheet HTML 27Page - Microchip Technology TC820CPL Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
© 2002 Microchip Technology Inc.
DS21476B-page 25
TC820
6.3
Package Dimensions (Continued)
Dimensions: inches (mm)
.557 (14.15)
.537 (13.65)
.398 (10.10)
.390 (9.90)
.031 (0.80) TYP.
.018 (0.45)
.012 (0.30)
.398 (10.10)
.390 (9.90)
.010 (0.25) TYP.
.096 (2.45) MAX.
.557 (14.15)
.537 (13.65)
.083 (2.10)
.075 (1.90)
.041 (1.03)
.026 (0.65)
7
° MAX.
.009 (0.23)
.005 (0.13)
44-Pin PQFP
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28