Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC820 Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce TC820
Description  3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC820 Fiches technique(HTML) 12 Page - Microchip Technology

Back Button TC820 Datasheet HTML 8Page - Microchip Technology TC820 Datasheet HTML 9Page - Microchip Technology TC820 Datasheet HTML 10Page - Microchip Technology TC820 Datasheet HTML 11Page - Microchip Technology TC820 Datasheet HTML 12Page - Microchip Technology TC820 Datasheet HTML 13Page - Microchip Technology TC820 Datasheet HTML 14Page - Microchip Technology TC820 Datasheet HTML 15Page - Microchip Technology TC820 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TC820
DS21476B-page 12
© 2002 Microchip Technology Inc.
FIGURE 3-4:
AUTO-RANGE DECIMAL POINT SELECTION VS. FREQUENCY COUNTER INPUT
FIGURE 3-5:
LOGIC PROBE SIMPLIFIED SCHEMATIC
DP3
DP2
DP1
0Hz - 3999Hz
4kHz - 39.99kHz
40kHz - 399.9kHz
400kHz
DP3
DP2
DP1
NONE
Decimal Point
fIN
High
Low
LCD
Drivers
Disable A/D Converter
To Buzzer
DP0/LO
DP1/HI
LOGIC
CMOS
Logic Levels
External Logic
Level Detection
and Pulse Stretching
VDD
TC820
Logic
Probe
Input
NC
LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28