Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7116CLW Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce TC7116CLW
Description  3-1/2 Digit Analog-to-Digital Converters with Hold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7116CLW Fiches technique(HTML) 18 Page - Microchip Technology

Back Button TC7116CLW Datasheet HTML 14Page - Microchip Technology TC7116CLW Datasheet HTML 15Page - Microchip Technology TC7116CLW Datasheet HTML 16Page - Microchip Technology TC7116CLW Datasheet HTML 17Page - Microchip Technology TC7116CLW Datasheet HTML 18Page - Microchip Technology TC7116CLW Datasheet HTML 19Page - Microchip Technology TC7116CLW Datasheet HTML 20Page - Microchip Technology TC7116CLW Datasheet HTML 21Page - Microchip Technology TC7116CLW Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
TC7116/A/TC7117/A
DS21457B-page 18
© 2002 Microchip Technology Inc.
7.3
Package Dimensions
Dimensions: inches (mm)
2.065 (52.45)
2.027 (51.49)
.200 (5.08)
.140 (3.56)
.150 (3.81)
.115 (2.92)
.070 (1.78)
.045 (1.14)
.022 (0.56)
.015 (0.38)
.110 (2.79)
.090 (2.29)
.555 (14.10)
.530 (13.46)
.610 (15.49)
.590 (14.99)
.015 (0.38)
.008 (0.20)
.700 (17.78)
.610 (15.50)
.040 (1.02)
.020 (0.51)
40-Pin PDIP (Wide)
PIN 1
3
° MIN.
Dimensions: inches (mm)
.015 (0.38)
.008 (0.20)
.620 (15.75)
.590 (15.00)
.700 (17.78)
.620 (15.75)
.540 (13.72)
.510 (12.95)
2.070 (52.58)
2.030 (51.56)
.210 (5.33)
.170 (4.32)
.020 (0.51)
.016 (0.41)
.110 (2.79)
.090 (2.29)
.065 (1.65)
.045 (1.14)
.200 (5.08)
.125 (3.18)
.098 (2.49) MAX.
.030 (0.76) MIN.
.060 (1.52)
.020 (0.51)
.150 (3.81)
MIN.
40-Pin CERDIP (Wide)
PIN 1
3
° MIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22