Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7126RCPL Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce TC7126RCPL
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126RCPL Fiches technique(HTML) 19 Page - Microchip Technology

Back Button TC7126RCPL Datasheet HTML 14Page - Microchip Technology TC7126RCPL Datasheet HTML 15Page - Microchip Technology TC7126RCPL Datasheet HTML 16Page - Microchip Technology TC7126RCPL Datasheet HTML 17Page - Microchip Technology TC7126RCPL Datasheet HTML 18Page - Microchip Technology TC7126RCPL Datasheet HTML 19Page - Microchip Technology TC7126RCPL Datasheet HTML 20Page - Microchip Technology TC7126RCPL Datasheet HTML 21Page - Microchip Technology TC7126RCPL Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21458B-page 19
TC7126/A
9.3
Package Dimensions (Continued)
Dimensions: inches (mm)
.557 (14.15)
.537 (13.65)
.398 (10.10)
.390 (9.90)
.031 (0.80) TYP.
.018 (0.45)
.012 (0.30)
.398 (10.10)
.390 (9.90)
.010 (0.25) TYP.
.096 (2.45) MAX.
.557 (14.15)
.537 (13.65)
.083 (2.10)
.075 (1.90)
.041 (1.03)
.026 (0.65)
7
° MAX.
.009 (0.23)
.005 (0.13)
44-Pin PQFP
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22