Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7650 Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce TC7650
Description  Chopper Stabilized Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7650 Fiches technique(HTML) 2 Page - Microchip Technology

  TC7650 Datasheet HTML 1Page - Microchip Technology TC7650 Datasheet HTML 2Page - Microchip Technology TC7650 Datasheet HTML 3Page - Microchip Technology TC7650 Datasheet HTML 4Page - Microchip Technology TC7650 Datasheet HTML 5Page - Microchip Technology TC7650 Datasheet HTML 6Page - Microchip Technology TC7650 Datasheet HTML 7Page - Microchip Technology TC7650 Datasheet HTML 8Page - Microchip Technology TC7650 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC7650
DS21463B-page 2
© 2002 Microchip Technology Inc.
General Description
The TC7650 CMOS chopper stabilized operational
amplifier practically removes offset voltage error terms
from system error calculations. The 5
µV maximum VOS
specification, for example, represents a 15 times
improvement over the industry standard OP07E. The
50nV/°C offset drift specification is over 25 times lower
than the OP07E. The increased performance elimi-
nates VOS trim procedures, periodic potentiometer
adjustment and the reliability problems caused by dam-
aged trimmers.
The TC7650 performance advantages are achieved
without the additional manufacturing complexity and
cost incurred with laser or "zener zap" VOS trim tech-
niques.
The TC7650 nulling scheme corrects both DC VOS
errors and VOS drift errors with temperature. A nulling
amplifier alternately corrects its own VOS errors and the
main amplifier VOS error. Offset nulling voltages are
stored on two user supplied external capacitors. The
capacitors connect to the internal amplifier VOS null
points. The main amplifier input signal is never
switched. Switching spikes are not present at the
TC7650 output.
The 14-pin dual-in-line package (DIP) has an external
oscillator input to drive the nulling circuitry for optimum
noise performance. Both the 8 and 14-pin DIPs have
an output voltage clamp circuit to minimize overload
recovery time.
Functional Block Diagram
TC7650
Null
NULL
Inputs
Output
Clamp
Output
B
B
A
CA
CB
For 8-Pin DIP, connect to Vss
Null
Amplifier
Main
Amplifier
Output Clamp
Circuit
Intermod
Compensation
Oscillator
AB
INT/EXT
EXT CLK IN
CLK OUT
14-Pin DIP Only
BA
*CRETN
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14