Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7136 Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce TC7136
Description  Low Power 3-1/2 Digit Analog-to-Digital Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7136 Fiches technique(HTML) 2 Page - Microchip Technology

  TC7136 Datasheet HTML 1Page - Microchip Technology TC7136 Datasheet HTML 2Page - Microchip Technology TC7136 Datasheet HTML 3Page - Microchip Technology TC7136 Datasheet HTML 4Page - Microchip Technology TC7136 Datasheet HTML 5Page - Microchip Technology TC7136 Datasheet HTML 6Page - Microchip Technology TC7136 Datasheet HTML 7Page - Microchip Technology TC7136 Datasheet HTML 8Page - Microchip Technology TC7136 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TC7136/TC7136A
DS21461B-page 2
© 2002 Microchip Technology Inc.
Package Type
TC7136CPL
TC7136ACPL
1
2
3
4
OSC1
5
6
7
8
9
10
11
12
TEST
VREF+
ANALOG
COMMON
CAZ
V+
D2
Normal Pin
Configuration
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
C2
B2
A2
F2
E2
D3
B3
F3
E3
AB4
10's
100's
1000's
100's
OSC2
OSC3
VREF-
CREF+
CREF-
VIN+
VIN-
VBUFF
VINT
V-
G2
C3
A3
G3
BP
(Backplane)
POL
(MINUS SIGN)
TC7136RCPL
TC7136ARCPL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
100's
1000's
100's
Reverse Pin
Configuration
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
D1
C1
B1
A1
F1
G1
E1
1's
V+
D2
C2
B2
A2
F2
E2
D3
B3
F3
E3
AB4
POL
(Minus Sign)
D1
C1
B1
A1
F1
G1
E1
1's
10's
OSC1
TEST
VREF+
ANALOG
COMMON
CAZ
OSC2
OSC3
VREF-
CREF+
CREF-
VIN+
VIN-
VBUFF
VINT
V-
G2
C3
A3
G3
BP
(Backplane)
NC = No Internal Connection
27
28
29
30
31
32
33
7
4
3
2
1
NC
TC7136CKW
TC7136ACKW
12
13
14
15
17
18
G2
44
43
42
41
39
38
40
16
37
36
35
34
19
20
21
22
26
8
25
9
24
10
23
11
5
6
C3
OSC3
TEST
NC
NC
V+
NC
OSC2
OSC1
A3
G3
BP
POL
AB4
E3
F3
B3
33
34
35
36
37
38
39
13
10
9
8
7
ANALOG
COMMON
REF LO
18
19
20
21
23
24
IN HI
NC
IN LO
B2
6
543
1
44
2
22
43
42
41
40
25
26
27
28
32
14
AZ
31
15
BUFF
30
16
INT
E2
29
17
D3
11
12
NC
C2
D2
F2
A2
TC7136CLW
TC7136ACLW
44-Pin PLCC
40-Pin PDIP
44-Pin PQFP
40-Pin PDIP
V-
F1
G1
E1
D1
C1
B1
CREF+
CREF-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22