Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16C54-LPI/SS Fiches technique(PDF) 35 Page - Microchip Technology

No de pièce PIC16C54-LPI/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPI/SS Fiches technique(HTML) 35 Page - Microchip Technology

Back Button PIC16C54-LPI/SS Datasheet HTML 31Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 32Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 33Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 34Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 35Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 36Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 37Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 38Page - Microchip Technology PIC16C54-LPI/SS Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 35
PIC16C5X
The Electrical Specifications sections show RC
frequency variation from part to part due to normal
process variation.
Also, see the Electrical Specifications sections for
variation of oscillator frequency due to VDD for given
Rext/Cext values as well as frequency variation due to
operating temperature for given R, C, and VDD values.
The oscillator frequency, divided by 4, is available on
the OSC2/CLKOUT pin, and can be used for test
purposes or to synchronize other logic.
FIGURE 7-7:
RC OSCILLATOR MODE
Note:
If you change from this device to
another device, please verify oscillator
characteristics in your application.
VDD
Rext
Cext
VSS
OSC1
Internal
clock
OSC2/CLKOUT
Fosc/4
PIC16C5X
N
7.3
Reset
PIC16C5X devices may be reset in one of the
following ways:
• Power-On Reset (POR)
•MCLR reset (normal operation)
• MCLR wake-up reset (from SLEEP)
• WDT reset (normal operation)
• WDT wake-up reset (from SLEEP)
Table 7-3 shows these reset conditions for the PCL
and STATUS registers.
Some registers are not affected in any reset condition.
Their status is unknown on POR and unchanged in
any other reset. Most other registers are reset to a
“reset state” on Power-On Reset (POR), MCLR or
WDT reset. A MCLR or WDT wake-up from SLEEP
also results in a device reset, and not a continuation of
operation before SLEEP.
The TO and PD bits (STATUS <4:3>) are set or
cleared depending on the different reset conditions
(Section 7.7). These bits may be used to determine
the nature of the reset.
Table 7-4 lists a full description of reset states of all
registers. Figure 7-8 shows a simplified block diagram
of the on-chip reset circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More