Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC642EPA Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce TC642EPA
Description  PWM Fan Speed Controller with FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC642EPA Fiches technique(HTML) 17 Page - Microchip Technology

Back Button TC642EPA Datasheet HTML 13Page - Microchip Technology TC642EPA Datasheet HTML 14Page - Microchip Technology TC642EPA Datasheet HTML 15Page - Microchip Technology TC642EPA Datasheet HTML 16Page - Microchip Technology TC642EPA Datasheet HTML 17Page - Microchip Technology TC642EPA Datasheet HTML 18Page - Microchip Technology TC642EPA Datasheet HTML 19Page - Microchip Technology TC642EPA Datasheet HTML 20Page - Microchip Technology TC642EPA Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
 2002 Microchip Technology Inc.
DS21444C-page 17
TC642
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
XXXXXXXX
NNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
YYWW
NNN
TC642CPA
025
0215
TC642COA
0215
025
8-Lead MSOP
Example:
XXXXXX
YWWNNN
TC642E
215025
Legend: XX...X
Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard marking consists of Microchip part number, year code, week code, traceability code (facility
code, mask rev#, and assembly code). For marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28