| Moteur de recherche de fiches techniques de composants électroniques |
|
TC622CPA Fiches technique(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC622CPA Fiches technique(HTML) 2 Page - Microchip Technology |
|
2 / 14 page ![]() TC622/TC624 DS21440B-page 2 © 2002 Microchip Technology Inc. Package Type Functional Block Diagram GND NC OUT OUT NC NC VDD VDD GND NC TSET TSET NC OUT OUT NC GND NC OUT OUT NC NC VDD TSET GND NC OUT OUT NC NC VDD T SET 12 3 4 5 TC622EAT TC622VAT 8 7 6 5 1 2 3 4 1 8 2 7 3 6 4 5 8 7 6 5 1 2 3 4 1 8 2 7 3 6 4 5 TC622CPA TC622EPA TC622VPA TC624CPA TC624EPA TC624VPA TC622COA TC622EOA TC622VOA TC624COA TC624EOA TC624VOA PDIP SOT-220 SOIC Note: For TO-220 Package, Pin 3 is connected to case heatsink. TC622 RSET +9V TSET GND VDD OUT NC OUT NC NC 1 3 4 5 6 7 8 Microcontrollers ALARM Horn 9V Battery TC624 2 |