| Moteur de recherche de fiches techniques de composants électroniques |
|
TC642 Fiches technique(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC642 Fiches technique(HTML) 17 Page - Microchip Technology |
|
17 / 28 page ![]() 2002 Microchip Technology Inc. DS21444C-page 17 TC642 6.0 PACKAGING INFORMATION 6.1 Package Marking Information XXXXXXXX NNN YYWW 8-Lead PDIP (300 mil) Example: 8-Lead SOIC (150 mil) Example: XXXXXXXX YYWW NNN TC642CPA 025 0215 TC642COA 0215 025 8-Lead MSOP Example: XXXXXX YWWNNN TC642E 215025 Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard marking consists of Microchip part number, year code, week code, traceability code (facility code, mask rev#, and assembly code). For marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. |