Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4428ACOA Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce TC4428ACOA
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4428ACOA Fiches technique(HTML) 9 Page - Microchip Technology

Back Button TC4428ACOA Datasheet HTML 5Page - Microchip Technology TC4428ACOA Datasheet HTML 6Page - Microchip Technology TC4428ACOA Datasheet HTML 7Page - Microchip Technology TC4428ACOA Datasheet HTML 8Page - Microchip Technology TC4428ACOA Datasheet HTML 9Page - Microchip Technology TC4428ACOA Datasheet HTML 10Page - Microchip Technology TC4428ACOA Datasheet HTML 11Page - Microchip Technology TC4428ACOA Datasheet HTML 12Page - Microchip Technology TC4428ACOA Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2002 Microchip Technology Inc.
DS21423B-page 9
TC4426A/TC4427A/TC4428A
TYPICAL CHARACTERISTICS (CONTINUED)
0
500
1000
1500
2000
2500
30
25
20
15
10
5
0
35
40
FREQUENCY (KHz)
Supply Current vs. Frequency
VDD = 6V
CL = 2200pF
CL = 1500pF
CL = 1000pF
CL = 100pF
TA = 25°C
BOTH INPUTS = 1
0
5
10
15
20
800
700
600
500
400
200
100
0
300
900
Quiescent Supply Current vs. Voltage
VDD (V)
BOTH INPUTS = 0
0
500
1000
1500
2000
2500
30
25
15
10
5
0
35
40
Supply Current vs. Capacitance Load
CL (pF)
VDD = 6V
900MHz
600MHz
200MHz
20MHz
2MHz
2
-100
-50
0
50
100
150
1000
900
800
700
600
400
300
200
100
0
500
1100
Quiescent Supply Current vs. Temperature
TEMPERATURE (
°C)
VDD = 18V
BOTH INPUTS = 0
BOTH INPUTS = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16