Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC510 Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce TC510
Description  Precision Analog Front Ends
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510 Fiches technique(HTML) 22 Page - Microchip Technology

Back Button TC510 Datasheet HTML 18Page - Microchip Technology TC510 Datasheet HTML 19Page - Microchip Technology TC510 Datasheet HTML 20Page - Microchip Technology TC510 Datasheet HTML 21Page - Microchip Technology TC510 Datasheet HTML 22Page - Microchip Technology TC510 Datasheet HTML 23Page - Microchip Technology TC510 Datasheet HTML 24Page - Microchip Technology TC510 Datasheet HTML 25Page - Microchip Technology TC510 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
TC500/A/510/514
DS21428B-page 22
© 2002 Microchip Technology Inc.
10.3
Packaging Dimensions (Continued)
8
°
MAX.
PIN 1
.299 (7.59)
.291 (7.40)
.413 (10.49)
.398 (10.10)
.019 (0.48)
.014 (0.36)
.012 (0.30)
.004 (0.10)
.104 (2.64)
.097 (2.46)
.013 (0.33)
.009 (0.23)
.050 (1.27)
.016 (0.40)
.419 (10.65)
.398 (10.10)
.050 (1.27) TYP.
16-Pin SOIC (Wide)
Dimensions: inches (mm)
1.195 (30.35)
1.155 (29.34)
.280 (7.11)
.240 (6.10)
.040 (1.02)
.015 (0.38)
.045 (1.14)
.030 (0.76)
.200 (5.08)
.140 (3.56)
.023 (0.58)
.015 (0.38)
.110 (2.79)
.090 (2.29)
.070 (1.78)
.045 (1.14)
PIN 1
.150 (3.81)
.115 (2.92)
.015 (0.38)
.008 (0.20)
3
˚ MIN.
.400 (10.16)
.310 (7.87)
.310 (7.87)
.290 (7.37)
24-Pin PDIP (Narrow)
Dimensions: inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28