Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16C54T-RC/SS Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce PIC16C54T-RC/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54T-RC/SS Fiches technique(HTML) 19 Page - Microchip Technology

Back Button PIC16C54T-RC/SS Datasheet HTML 15Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 16Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 17Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 18Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 19Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 20Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 21Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 22Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 19
PIC16C5X
4.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral functions to control the
operation of the device (Table 4-1).
The special registers can be classified into two sets.
The special function registers associated with the
“core” functions are described in this section. Those
related to the operation of the peripheral features are
described in the section for each peripheral feature.
TABLE 4-1:
SPECIAL FUNCTION REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-On
Reset
Value on
MCLR and
WDT Reset
N/A
TRIS
I/O control registers (TRISA, TRISB, TRISC)
1111 1111
1111 1111
N/A
OPTION
Contains control bits to configure Timer0 and Timer0/WDT prescaler
--11 1111
--11 1111
00h
INDF
Uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
uuuu uuuu
01h
TMR0
8-bit real-time clock/counter
xxxx xxxx
uuuu uuuu
02h(1)
PCL
Low order 8 bits of PC
1111 1111
1111 1111
03h
STATUS
PA2
PA1
PA0
TO
PD
ZDC
C
0001 1xxx
000q quuu
04h
FSR
Indirect data memory address pointer
1xxx xxxx
1uuu uuuu
05h
PORTA
—
—
—
—
RA3
RA2
RA1
RA0
---- xxxx
---- uuuu
06h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
07h(2)
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
Legend: Shaded boxes = unimplemented or unused, – = unimplemented, read as '0' (if applicable)
x
= unknown, u = unchanged, q = see the tables in Section 7.7 for possible values.
Note 1:
The upper byte of the Program Counter is not directly accessible. See Section 4.5
for an explanation of how to access these bits.
2:
File address 07h is a general purpose register on the PIC16C52, PIC16C54s, PIC16CR54s, PIC16C56s, PIC16CR56s,
PIC16C58s and PIC16CR58s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com