Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC170 Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce TC170
Description  CMOS Current Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC170 Fiches technique(HTML) 12 Page - Microchip Technology

Back Button TC170 Datasheet HTML 8Page - Microchip Technology TC170 Datasheet HTML 9Page - Microchip Technology TC170 Datasheet HTML 10Page - Microchip Technology TC170 Datasheet HTML 11Page - Microchip Technology TC170 Datasheet HTML 12Page - Microchip Technology TC170 Datasheet HTML 13Page - Microchip Technology TC170 Datasheet HTML 14Page - Microchip Technology TC170 Datasheet HTML 15Page - Microchip Technology TC170 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
TC170
DS21395B-page 12
© 2002 Microchip Technology Inc.
5.3
Package Dimensions
.110 (2.79)
.090 (2.29)
.022 (0.56)
.015 (0.38)
.150 (3.81)
.115 (2.92)
.770 (19.56)
.740 (18.80)
.045 (1.14)
.030 (0.76)
.070 (1.78)
.045 (1.14)
.310 (7.87)
.290 (7.37)
.040 (1.02)
.020 (0.51)
.270 (6.86)
.240 (6.10)
.200 (5.08)
.140 (3.56)
.014 (0.36)
.008 (0.20)
.400 (10.16)
.310 (7.87)
16-Pin PDIP (Narrow)
PIN 1
10
° MAX.
Dimensions: inches (mm)
8
°
MAX.
PIN 1
.299 (7.59)
.291 (7.40)
.413 (10.49)
.398 (10.10)
.019 (0.48)
.014 (0.36)
.012 (0.30)
.004 (0.10)
.104 (2.64)
.097 (2.46)
.013 (0.33)
.009 (0.23)
.050 (1.27)
.016 (0.40)
.419 (10.65)
.398 (10.10)
.050 (1.27) TYP.
16-Pin SOIC (Wide)
Dimensions: inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16