| Moteur de recherche de fiches techniques de composants électroniques |
|
16F628 Fiches technique(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F628 Fiches technique(HTML) 34 Page - Microchip Technology |
|
34 / 168 page ![]() PIC16F627A/628A/648A DS40044A-page 32 Preliminary 2002 Microchip Technology Inc. FIGURE 5-2: BLOCK DIAGRAM OF RA2/VREF PIN FIGURE 5-3: BLOCK DIAGRAM OF THE RA3/AN3 PIN Data Bus Q D Q CK WR PORTA WR TRISA Data Latch TRIS Latch RD RD PORTA Analog RA2 Pin Q D Q CK Input Mode D Q EN To Comparator Schmitt Trigger Input Buffer V ROE V REF V DD V SS TRISA (CMCON Reg.) Data Bus Q D Q CK WR PORTA WR TRISA Data Latch TRIS Latch RD RD PORTA Analog RA3 Pin Q D Q CK D Q EN To Comparator Schmitt Trigger Input Buffer Input Mode Comparator Output Comparator Mode = 110 V DD V SS TRISA (CMCON Reg.) (CMCON Reg.) 1 0 |