Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1189-QECT Fiches technique(PDF) 15 Page - Microchip Technology

No de pièce TC1189-QECT
Description  MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1189-QECT Fiches technique(HTML) 15 Page - Microchip Technology

Back Button TC1189-QECT Datasheet HTML 8Page - Microchip Technology TC1189-QECT Datasheet HTML 9Page - Microchip Technology TC1189-QECT Datasheet HTML 10Page - Microchip Technology TC1189-QECT Datasheet HTML 11Page - Microchip Technology TC1189-QECT Datasheet HTML 12Page - Microchip Technology TC1189-QECT Datasheet HTML 13Page - Microchip Technology TC1189-QECT Datasheet HTML 14Page - Microchip Technology TC1189-QECT Datasheet HTML 15Page - Microchip Technology TC1189-QECT Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
 2002 Microchip Technology Inc.
DS21364B-page 15
TC1188/TC1189
Information contained in this publication regarding device
applications and the like is intended through suggestion only
and may be superseded by updates. It is your responsibility to
ensure that your application meets with your specifications.
No representation or warranty is given and no liability is
assumed by Microchip Technology Incorporated with respect
to the accuracy or use of such information, or infringement of
patents or other intellectual property rights arising from such
use or otherwise. Use of Microchip’s products as critical com-
ponents in life support systems is not authorized except with
express written approval by Microchip. No licenses are con-
veyed, implicitly or otherwise, under any intellectual property
rights.
Trademarks
The Microchip name and logo, the Microchip logo, FilterLab,
KEELOQ,
microID,
MPLAB,
MXDEV,
PIC,
PICmicro,
PICMASTER, PICSTART, PRO MATE, SEEVAL and The
Embedded Control Solutions Company are registered trade-
marks of Microchip Technology Incorporated in the U.S.A. and
other countries.
dsPIC,
dsPICDEM.net,
ECONOMONITOR,
FanSense,
FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP,
ICEPIC, microPort, Migratable Memory, MPASM, MPLIB,
MPLINK, MPSIM, MXLAB, PICC, PICDEM, PICDEM.net,
rfPIC, Select Mode and Total Endurance are trademarks of
Microchip Technology Incorporated in the U.S.A.
Serialized Quick Turn Programming (SQTP) is a service mark
of Microchip Technology Incorporated in the U.S.A.
All other trademarks mentioned herein are property of their
respective companies.
© 2002, Microchip Technology Incorporated, Printed in the
U.S.A., All Rights Reserved.
Printed on recycled paper.
Microchip received QS-9000 quality system
certification for its worldwide headquarters,
design and wafer fabrication facilities in
Chandler and Tempe, Arizona in July 1999
and Mountain View, California in March 2002.
The Company’s quality system processes and
procedures are QS-9000 compliant for its
PICmicro® 8-bit MCUs, KEELOQ® code hopping
devices, Serial EEPROMs, microperipherals,
non-volatile memory and analog products. In
addition, Microchip’s quality system for the
design and manufacture of development
systems is ISO 9001 certified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16