Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF69 Fiches technique(PDF) 39 Page - List of Unclassifed Manufacturers

No de pièce RF69
Description  Low Power Integrated UHF Transceiver with On-Chip 20dBm PA
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

RF69 Fiches technique(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button RF69 Datasheet HTML 35Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 36Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 37Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 38Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 39Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 40Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 41Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 42Page - List of Unclassifed Manufacturers RF69 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
RF69
Page 39
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
4.2.4. Rx Start Procedure
As described in the former sections, the RxReady interrupt warns the uC that the receiver is ready.
 In Continuous mode with Bit Synchronizer, the receiver will start locking its Bit Synchronizer on a minimum or 12 bits of
received preamble (see section 3.4.13 for details), before the reception of correct Data, or Sync Word (if enabled) can
occur.
 In Continuous mode without Bit Synchronizer, valid data will be available on DIO2/DATA right after the RxReady
interrupt.
 In Packet mode, the receiver will start locking its Bit Synchronizer on a minimum or 12 bits of received preamble (see
section 3.4.13 for details), before the reception of correct Data, or Sync Word (if enabled) can occur.
4.2.5. Optimized Frequency Hopping Sequences
In a frequency hopping-like application, it is required to turn off the transmitter when hopping from one channel to another,
to avoid spectral splatter and obtain the best spectral purity.
 Transmitter hop from Ch A to Ch B: it is advised to step through the Rx mode:
(0) RF69 is in Tx mode in Ch A
(1) Program the RF69 in Rx mode
(2) Change the carrier frequency in the RegFrf registers
(3) Turn the transceiver back to Tx mode
(4) Respect the Tx start procedure, described in section 4.2.2
 Receiver hop from Ch A to Ch B:
(0) RF69 is in Rx mode in Ch A
(1) Change the carrier frequency in the RegFrf registers
(2) Program the RF69 in FS mode
(3) Turn the transceiver back to Rx mode
(4) Respect the Rx start procedure, described in section 4.2.4
Note
all sequences described above are assuming that the sequencer is turned on (SequencerOff=0 in RegOpMode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81