| Moteur de recherche de fiches techniques de composants électroniques |
|
RF64 Fiches technique(PDF) 73 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RF64 Fiches technique(HTML) 73 Page - List of Unclassifed Manufacturers |
|
73 / 76 page ![]() ADVANCED COMMUNICATIONS & SENSING Page 73 of 76 RF64 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com 7.5. Reference Design It is recommended that this reference design (i.e. schematics, placement, layout, BOM,) is replicated in the final application board to guarantee optimum performance. 7.5.1. Application Schematic Figure 56: Reference Design Circuit Schematic The reference design area is represented by the dashed rectangle. C12 is a DC blocking capacitor which protects the SAW filter. It has been added for debug purposes could be removed for a direct antenna connection if there is no DC bias is expected at the antenna port. Please note that C10 and C11 are not used. 7.5.2. PCB Layout As illustrated in figures below, the layout has the following characteristics: very compact (9x19mm) => can be easily inserted even on very small PCBs standard PCB technology (2 layers, 1.6mm, std via & clearance) => low cost Its performance is quasi-insensitive to dielectric thickness => minimal design effort to transfer to other PCB technologies (thickness, # of layers, etc...) |