Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF63 Fiches technique(PDF) 73 Page - List of Unclassifed Manufacturers

No de pièce RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Fiches technique(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 69Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 70Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 71Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 72Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 73Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 74Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 75Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 76Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 73 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
7.5. Reference Design
It is recommended that this reference design (i.e. schematics, placement, layout, BOM,) is replicated in the final
application board to guarantee optimum performance.
7.5.1. Application Schematic
Figure 56: Reference Design Circuit Schematic
The reference design area is represented by the dashed rectangle. C12 is a DC blocking capacitor which protects
the SAW filter. It has been added for debug purposes could be removed for a direct antenna connection if there is
no DC bias is expected at the antenna port. Please note that C10 and C11 are not used.
7.5.2. PCB Layout
As illustrated in figures below, the layout has the following characteristics:
•
very compact (9x19mm) => can be easily inserted even on very small PCBs
•
standard PCB technology (2 layers, 1.6mm, std via & clearance) => low cost
•
Its performance is quasi-insensitive to dielectric thickness => minimal design effort to transfer to other PCB
technologies (thickness, # of layers, etc...)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91