Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC115501ECT Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce TC115501ECT
Description  PFM/PWM Step-Up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC115501ECT Fiches technique(HTML) 11 Page - Microchip Technology

Back Button TC115501ECT Datasheet HTML 6Page - Microchip Technology TC115501ECT Datasheet HTML 7Page - Microchip Technology TC115501ECT Datasheet HTML 8Page - Microchip Technology TC115501ECT Datasheet HTML 9Page - Microchip Technology TC115501ECT Datasheet HTML 10Page - Microchip Technology TC115501ECT Datasheet HTML 11Page - Microchip Technology TC115501ECT Datasheet HTML 12Page - Microchip Technology TC115501ECT Datasheet HTML 13Page - Microchip Technology TC115501ECT Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
 2003 Microchip Technology Inc.
DS21361C-page 11
TC115
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device:
TC115:
PFM/PWM Step-Up DC/DC Converter
Output Voltage:
30
= 3.0V
33
= 3.3V
50
= 5.0V
Oscillator Frequency:
1
= 100 kHz
Temperature Range:
E
= -40°C to +85°C
Package:
MTTR = 5L SOT-89, Tape and Reel
Examples:
a) TC115301EMTTR: 3.0V Converter
b) TC115331EMTTR: 3.3V Converter
c) TC115501EMTTR: 5.0V Converter
PART NO.
X
XXXX
Package
Temperature
Range
Device
XX
Output
Voltage
X
Oscillator
Frequency
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14