| Moteur de recherche de fiches techniques de composants électroniques |
|
TC110303ECT Fiches technique(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC110303ECT Fiches technique(HTML) 9 Page - Microchip Technology |
|
9 / 16 page ![]() © 2002 Microchip Technology Inc. DS21355B-page 9 TC110 FIGURE 4-1: 100kHz BOOTSTRAPPED REGULATOR WITH SOFT START USING A BIPOLAR TRANSISTOR FIGURE 4-2: 300kHz BOOTSTRAPPED, N-CHANNEL TRANSISTOR FIGURE 4-3: 300kHz NON-BOOTSTRAPPED, N-CHANNEL TRANSISTOR TC110301 CIN 10 µF/16V VIN EXT VOUT VOUT D1 Matsushita MA737 12 3 4 5 Q1 FZT690BCT RB 1K CB 10nF Ceramic L1 47 µH Sumida CD75 COUT 47 µF, 10V Tant. SHUTDOWN (Optional) RSS 470K CSS 0.1 µF Ceramic TC110301 GND VDD SHDN/SS 12 3 4 5 CIN 10 µF/16V VIN EXT VOUT VOUT D1 ON Semiconductor MBR0520L Q1 Silconix Si9410DY L1 22 µH Sumida CD54 COUT 47 µF, 16V Tant. GND VDD SHDN/SS TC110303 12 3 4 5 CIN 10 µF/16V VIN EXT VOUT VOUT D1 ON Semiconductor MBR0520L Q1 Silconix Si9410DY L1 22 µH Sumida CD54 COUT 47 µF, 16V Tant. GND VDD SHDN/SS TC110303 |