| Moteur de recherche de fiches techniques de composants électroniques |
|
TC1044SCOA Fiches technique(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1044SCOA Fiches technique(HTML) 8 Page - Microchip Technology |
|
8 / 11 page ![]() TC1044S-12 9/16/96 TC1044S Charge Pump DC-TO-DC Voltage Converter 8 © 2001 Microchip Technology Inc. DS21348A TYPICAL CHARACTERISTICS (Cont.) Output Voltage vs. Output Current 0 -2 -4 -6 -8 -10 -12 OUTPUT CURRENT (mA) 0 100 90 80 70 60 40 50 30 10 20 1.5 12 11.5 10.5 9.5 8.5 7.5 5.5 6.5 4.5 2.5 3.5 Output Source Resistance vs. Supply Voltage 100 10 30 50 70 SUPPLY VOLTAGE (V) Output Source Resistance vs. Temperature 100 0 20 40 60 80 -40 -20 0 20 40 100 60 80 TEMPERATURE ( °C) VIN = 2.5V VIN = 5.5V Power Conversion Efficiency vs. Load LOAD CURRENT (mA) Boost Pin = Open Boost Pin = V+ 0 10 20 30 40 50 60 70 80 90 100 IOUT = 20mA TA = 25°C Supply Current vs. Temperature 200 150 125 175 100 75 50 25 0 TEMPERATURE ( °C) -40 -20 0 20 40 100 60 80 VIN = 12.5V VIN = 5.5V |