| Moteur de recherche de fiches techniques de composants électroniques |
|
LP3852 Fiches technique(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP3852 Fiches technique(HTML) 27 Page - Texas Instruments |
|
27 / 32 page ![]() Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LP3855EMP-5.0/NOPB SOT-223 NDC 5 1000 330.0 16.4 7.0 7.5 2.2 12.0 16.0 Q3 LP3855EMPX-5.0/NOPB SOT-223 NDC 5 2000 330.0 16.4 7.0 7.5 2.2 12.0 16.0 Q3 LP3855ESX-1.8/NOPB DDPAK/ TO-263 KTT 5 500 330.0 24.4 10.75 14.85 5.0 16.0 24.0 Q2 LP3855ESX-2.5/NOPB DDPAK/ TO-263 KTT 5 500 330.0 24.4 10.75 14.85 5.0 16.0 24.0 Q2 LP3855ESX-3.3/NOPB DDPAK/ TO-263 KTT 5 500 330.0 24.4 10.75 14.85 5.0 16.0 24.0 Q2 LP3855ESX-5.0/NOPB DDPAK/ TO-263 KTT 5 500 330.0 24.4 10.75 14.85 5.0 16.0 24.0 Q2 *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LP3852EMP-1.8 SOT-223 NDC 5 1000 367.0 367.0 35.0 LP3852EMP-1.8/NOPB SOT-223 NDC 5 1000 367.0 367.0 35.0 LP3852EMP-2.5 SOT-223 NDC 5 1000 367.0 367.0 35.0 LP3852EMP-2.5/NOPB SOT-223 NDC 5 1000 367.0 367.0 35.0 LP3852EMP-3.3 SOT-223 NDC 5 1000 367.0 367.0 35.0 LP3852EMP-3.3/NOPB SOT-223 NDC 5 1000 367.0 367.0 35.0 LP3852EMP-5.0/NOPB SOT-223 NDC 5 1000 367.0 367.0 35.0 LP3852EMPX-1.8/NOPB SOT-223 NDC 5 2000 367.0 367.0 35.0 PACKAGE MATERIALS INFORMATION www.ti.com 2-Sep-2015 Pack Materials-Page 2 |