| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F876-20/SP Fiches technique(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F876-20/SP Fiches technique(HTML) 73 Page - Microchip Technology |
|
73 / 218 page ![]() 2001 Microchip Technology Inc. DS30292C-page 71 PIC16F87X 9.1.2 SLAVE MODE In Slave mode, the data is transmitted and received as the external clock pulses appear on SCK. When the last bit is latched, the interrupt flag bit SSPIF (PIR1<3>) is set. While in Slave mode, the external clock is supplied by the external clock source on the SCK pin. This external clock must meet the minimum high and low times as specified in the electrical specifications. While in SLEEP mode, the slave can transmit/receive data. When a byte is received, the device will wake-up from SLEEP. FIGURE 9-3: SPI MODE TIMING (SLAVE MODE WITH CKE = 0) FIGURE 9-4: SPI MODE TIMING (SLAVE MODE WITH CKE = 1) Note 1: When the SPI module is in Slave mode with SS pin control enabled (SSPCON<3:0> = 0100), the SPI module will reset if the SS pin is set to VDD. 2: If the SPI is used in Slave mode with CKE = ’1’, then SS pin control must be enabled. SCK (CKP = 0) SDI (SMP = 0) SSPIF bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 SCK (CKP = 1) SDO bit7 bit0 SS (optional) SCK (CKP = 0) SDI (SMP = 0) SSPIF bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 SCK (CKP = 1) SDO bit7 bit0 SS |