| Moteur de recherche de fiches techniques de composants électroniques |
|
LP2986 Fiches technique(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2986 Fiches technique(HTML) 23 Page - Texas Instruments |
|
23 / 33 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 8-Oct-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP2986AILD-3.3/NOPB ACTIVE WSON NGN 8 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L005A LP2986AILDX-3.3/NOPB ACTIVE WSON NGN 8 4500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L005A LP2986AIM-3.0/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2986A IM3.0 LP2986AIM-3.3 NRND SOIC D 8 95 TBD Call TI Call TI -40 to 125 2986A IM3.3 LP2986AIM-3.3/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2986A IM3.3 LP2986AIM-5.0 NRND SOIC D 8 95 TBD Call TI Call TI -40 to 125 2986A IM5.0 LP2986AIM-5.0/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2986A IM5.0 LP2986AIMM-3.0/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L39A LP2986AIMM-3.3/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L40A LP2986AIMM-5.0/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L41A LP2986AIMMX-3.0/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L39A LP2986AIMMX-5.0/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L41A LP2986AIMX-3.3/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2986A IM3.3 LP2986AIMX-5.0/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2986A IM5.0 LP2986ILD-3.3/NOPB ACTIVE WSON NGN 8 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L005A B LP2986IM-3.0/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2986I M3.0 LP2986IM-3.3/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 2986I M3.3 |