| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18C658-E/CL Fiches technique(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18C658-E/CL Fiches technique(HTML) 19 Page - Microchip Technology |
|
19 / 366 page ![]() 2000 Microchip Technology Inc. Advanced Information DS30475A-page 19 PIC18CXX8 PORTG is a bi-directional I/O port RG0/CANTX1 RG0 CANTX1 3 12516 I/O O ST CAN Bus Digital I/O CAN bus output RG1/CANTX2 RG1 CANTX2 4 13617 I/O O ST CAN Bus Digital I/O Complimentary CAN bus output or CAN bus bit time clock RG2/CANRX RG2 CANRX 5 14718 I/O I ST CAN Bus Digital I/O CAN bus input RG3 6 15 8 19 I/O ST Digital I/O RG4 8 17 10 21 I/O ST Digital I/O PORTH is a bi-directional I/O port. RH0 —— 79 10 I/O ST Digital I/O RH1 —— 80 11 I/O ST Digital I/O RH2 —— 1 12 I/O ST Digital I/O RH3 —— 2 13 I/O ST Digital I/O RH4/AN12 RH4 AN12 —— 22 34 I/O I ST Analog Digital I/O Analog input 12 RH5/AN13 RH5 AN13 —— 21 33 I/O I ST Analog Digital I/O Analog input 13 RH6/AN14 RH6 AN14 —— 20 32 I/O I ST Analog Digital I/O Analog input 14 RH7/AN15 RH7 AN15 —— 19 31 I/O I ST Analog Digital I/O Analog input 15 TABLE 1-2: PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type PIC18C658 PIC18C858 TQFP PLCC TQFP PLCC Description Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog = Analog input I = Input O = Output P = Power OD = Open Drain (no P diode to VDD) |