Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16C745T/P Fiches technique(PDF) 90 Page - Microchip Technology

No de pièce PIC16C745T/P
Description  8-Bit CMOS Microcontrollers with USB
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C745T/P Fiches technique(HTML) 90 Page - Microchip Technology

Back Button PIC16C745T/P Datasheet HTML 86Page - Microchip Technology PIC16C745T/P Datasheet HTML 87Page - Microchip Technology PIC16C745T/P Datasheet HTML 88Page - Microchip Technology PIC16C745T/P Datasheet HTML 89Page - Microchip Technology PIC16C745T/P Datasheet HTML 90Page - Microchip Technology PIC16C745T/P Datasheet HTML 91Page - Microchip Technology PIC16C745T/P Datasheet HTML 92Page - Microchip Technology PIC16C745T/P Datasheet HTML 93Page - Microchip Technology PIC16C745T/P Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 158 page
background image
PIC16C745/765
DS41124A-page 90
Advanced Information
© 1999 Microchip Technology Inc.
REGISTER 12-2: A/D CONTROL REGISTER 1 (ADCON1: 9Fh)
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—
PCFG2
PCFG1
PCFG0
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
- n = Value at POR
reset
bit7
bit0
bit 7-3:
Unimplemented: Read as '0'
bit 2-0:
PCFG<2:0>: A/D Port Configuration Control bits
A = Analog input
D = Digital I/O
PCFG<2:0>
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
VREF
000
A
A
A
AAAAAVDD
001
AA
A
A
VREF
AAARA3
010
D
D
D
AAAAAVDD
011
DD
D
A
VREF
AAAAN3
100
D
D
D
D
AD
AAVDD
101
AA
A
A
VREF
AAAAN3
11x
D
D
D
DDDDDVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More