Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2953 Fiches technique(PDF) 37 Page - Texas Instruments

No de pièce LP2953
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LP2953 Fiches technique(HTML) 37 Page - Texas Instruments

Back Button LP2953_15 Datasheet HTML 33Page - Texas Instruments LP2953_15 Datasheet HTML 34Page - Texas Instruments LP2953_15 Datasheet HTML 35Page - Texas Instruments LP2953_15 Datasheet HTML 36Page - Texas Instruments LP2953_15 Datasheet HTML 37Page - Texas Instruments LP2953_15 Datasheet HTML 38Page - Texas Instruments LP2953_15 Datasheet HTML 39Page - Texas Instruments LP2953_15 Datasheet HTML 40Page - Texas Instruments LP2953_15 Datasheet HTML 41Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP2952AIMX/NOPB
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.3
8.0
16.0
Q1
LP2952IMX-3.3/NOPB
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.3
8.0
16.0
Q1
LP2952IMX/NOPB
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.3
8.0
16.0
Q1
LP2953AIMX/NOPB
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.3
8.0
16.0
Q1
LP2953IMX/NOPB
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.3
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
13-Jan-2015
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41