Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F870/SP Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce PIC16F870/SP
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F870/SP Fiches technique(HTML) 21 Page - Microchip Technology

Back Button PIC16F870/SP Datasheet HTML 17Page - Microchip Technology PIC16F870/SP Datasheet HTML 18Page - Microchip Technology PIC16F870/SP Datasheet HTML 19Page - Microchip Technology PIC16F870/SP Datasheet HTML 20Page - Microchip Technology PIC16F870/SP Datasheet HTML 21Page - Microchip Technology PIC16F870/SP Datasheet HTML 22Page - Microchip Technology PIC16F870/SP Datasheet HTML 23Page - Microchip Technology PIC16F870/SP Datasheet HTML 24Page - Microchip Technology PIC16F870/SP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 156 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS30569A-page 21
PIC16F870/871
2.2.2.6
PIE2 REGISTER
The PIE2 Register contains the individual enable bit for
the EEPROM write operation interrupt.
REGISTER 2-6:
PIE2 REGISTER (ADDRESS 8Dh)
U-0
U-0
U-0
R/W-0
U-0
U-0
U-0
U-0
——
—
EEIE
—
—
—
—
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ‘0’
- n= Value at POR reset
bit7
bit0
bit 7-5:
Unimplemented: Read as '0'
bit 4:
EEIE: EEPROM Write Operation Interrupt Enable
1
= Enable EE Write Interrupt
0
= Disable EE Write Interrupt
bit 3-0:
Unimplemented: Read as '0'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More