Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDT Fiches technique(PDF) 2 Page - RUBYCON CORPORATION

No de pièce LDT
Description  POLYMER MULTI-LAYER CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RUBYCON [RUBYCON CORPORATION]
Site Internet  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LDT Fiches technique(HTML) 2 Page - RUBYCON CORPORATION

  LDT Datasheet HTML 1Page - RUBYCON CORPORATION LDT Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POLYMER MULTI-LAYER CAPACITORS
LDT
◆TAPING SPECIFICATIONS
◆SOLDERING CONDITIONS
Size
(mm)
Items
<Preheating>
<Flow soldering>
P
P0
P1
P2
LS
W
W0
W1
W2
φd
H
H0
H1
D0
L
ℓ
△h
△h1
t
Temperature
Time
≦120℃
≦90sec
12.7±1
12.7±0.2
3.85±0.5
6.35±0.5
5.0+0.8/−0.2
18.0+1.0/−0.5
5.0 min
9.0±0.5
3.0max
0.6±0.05
20.0±0.75
16.0±0.5
5.0max
4.0±0.2
11.0max
0max
0±0.1
0±0.1
φd±0.9max
Good
02
4
6
8
10
270
260
250
240
230
220
210
Soldering time duration (sec)
●Flow soldering cycle is limited to two(2).
 The second soldering should be done after the
 capacitor itself has returned to room temperature.
TV



Html Pages

1 2