Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCS152 Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce SCS152
Description  KEELOQ Token Card Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCS152 Fiches technique(HTML) 9 Page - Microchip Technology

Back Button SCS152 Datasheet HTML 5Page - Microchip Technology SCS152 Datasheet HTML 6Page - Microchip Technology SCS152 Datasheet HTML 7Page - Microchip Technology SCS152 Datasheet HTML 8Page - Microchip Technology SCS152 Datasheet HTML 9Page - Microchip Technology SCS152 Datasheet HTML 10Page - Microchip Technology SCS152 Datasheet HTML 11Page - Microchip Technology SCS152 Datasheet HTML 12Page - Microchip Technology SCS152 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SCS152
© 1997 Microchip Technology Inc.
Preliminary
DS40150B-page 9
3.6
DECR-ERASE
The DECR-ERASE command combines BITPROG
and ERASE in the digit area into one operation. It is
only allowed if both of these operations are allowed at
the current address. Figure 3-5 shows the typical
waveforms for the DECR-ERASE command.
FIGURE 3-5:
EXTENDED FUNCTIONS MODIFYING EEPROM
SCI
SCK
SDIO
TH
TS
TC
TC
TS
TC
TPROG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16