Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F870/SS Fiches technique(PDF) 137 Page - Microchip Technology

No de pièce PIC16F870/SS
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F870/SS Fiches technique(HTML) 137 Page - Microchip Technology

Back Button PIC16F870/SS Datasheet HTML 133Page - Microchip Technology PIC16F870/SS Datasheet HTML 134Page - Microchip Technology PIC16F870/SS Datasheet HTML 135Page - Microchip Technology PIC16F870/SS Datasheet HTML 136Page - Microchip Technology PIC16F870/SS Datasheet HTML 137Page - Microchip Technology PIC16F870/SS Datasheet HTML 138Page - Microchip Technology PIC16F870/SS Datasheet HTML 139Page - Microchip Technology PIC16F870/SS Datasheet HTML 140Page - Microchip Technology PIC16F870/SS Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 156 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS30569A-page 137
PIC16F870/871
16.0
PACKAGING INFORMATION
16.1
Package Marking Information
28-Lead SOIC
YYWWNNN
Example
PIC16F870-I/SO
XXXXXXXXXXXXXXXXX
YYWWNNN
28-Lead PDIP (Skinny DIP)
Example
PIC16F870-I/SP
9910SAA
9910SAA
Legend: MM...M
Microchip part number information
XX...X
Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week code, facility code, mask
rev#, and assembly code. For OTP marking beyond this, certain price adders apply. Please check with
your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price.
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
28-Lead SSOP
YYWWNNN
Example
PIC16F870-I/SS
9910SAA
XXXXXXXXXXXX
XXXXXXXXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More